Part Number Hot Search : 
MLL5229B 30170714 RT2724B7 QFP64 C3509 MAX6775 0M10V6 CS5541
Product Description
Full Text Search
 

To Download TEH100M5R00FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ohmite offers the totally encapsulated and insulated TO-247 package for low ohmic value and non-inductive design for high-frequency and pulsing applications. Ideal use is for power supplies. This series is rated at 100 Watts mounted to a heat sink.
sPeciFicATions
Material Resistor: thick film on alumina Case: high temperature plastic Lead Material: Tinned Copper Installation, max. Torque: 0.9 Nm using an M3 screw and a compression washer Electrical Derating: linear, 100% at 25C to 0% at 175C Resistance range: 0.05 to 1M, other values on request Resistance tol.: 1%, 2%, 5%, 10% Max. working voltage: 350V Temperature Coefficient: 50ppm/C for >10, referenced to 25C, R taken at +105C; others on request Insulation Resistance: 10G min. Dielectric Strength: 1,800 VAC
100 Watt Thick Film Power Resistors for High Frequency and Pulse Loading Applications
0.610~0.630" (15.49~16.01mm) 0.200~0.220" (5.07~5.59mm) 0.805~0.825" (20.44~20.96mm) o0.139~0.147" (3.53~3.73mm) 0.080~0.140" (2.03~3.55mm) 0.520~0.620" (13.21~15.75mm) 0.136~0.150" (3.45~3.81mm)
TEH100 Series
0.185~0.205" (4.69~5.21mm)
FeATuRes
* 100 Watt power rating at 25C case temperature * Non-inductive performance * Low thermal resistance * RoHS compliant design * TO-247 package configuration * Single screw mounting simplifies attach-ment to the heat sink * A totally molded housing for enviromental protection * Non-Inductive design * Resistor package totally insulated from heat sink
0.310~0.330" (0.55~1.07mm) 0.054~0.066" (1.37~1.67mm) 0.085~0.105" (2.15~2.67mm) 0.390~0.410" (9.90~10.42mm)
T e s T D ATA
Test Load life Moisture resistance Short time overload Thermal shock Dielectric strength Terminal strength High frequency vibration Conditions Of Test Performance MIL-R-39009D 4.8.13 , 2,000 hours R (1.0% + 0.0005) at rated power -10C - +65C, RH>90%, cycle 240 h R (0.50% + 0.0005) 1.5 times rated power and V(DC) 1.5Vmax for 5 seconds GJB360A-96 method 107, Cond. F GJB360A-96 method 301, (1,800V AC, 60s) GJB360A-96 method 211, Cond. A (Pull Test) 2.4N GJB360A-96 method 204, Cond. D R (0.50% + 0.0005) R (0.50% + 0.0005) R (0.15% + 0.0005) R (0.20% + 0.0005) R (0.40% + 0.0005)
o r D e r i n G i n F o r m AT i o n
Package Code M = two terminals RoHS Compliant Non-compliant version unavailble
TEH100M10R0JE
Series Ohms R = Decimal Example: 2R50 = 2.50 25R0 = 25 100R = 100 1K00 = 1000 Tolerance F = 1% J = 5%
DeRATinG
100 80 60 40 20 0 0 25 50 75 100 125 Ambient Temperature, C 150 175
Check product availability at www.ohmite.com
s TA n D A r D pA rT n u m b e r s F o r T e H s e r i e s
ohms 0.05 0.075 0.1 0.2 0.5 1 2 2.5 3 5 7.5 10 15 20 25 50 100 470 750 1K 5% tolerance TEH100MR050JE TEH100MR075JE TEH100MR100JE TEH100MR200JE TEH100MR500JE TEH100M1R00JE TEH100M2R00JE TEH100M2R50JE TEH100M3R00JE TEH100M5R00JE TEH100M7R50JE TEH100M10R0JE TEH100M15R0JE TEH100M20R0JE TEH100M25R0JE TEH100M50R0JE TEH100M100RJE TEH100M470RJE TEH100M750RJE TEH100M1K00JE TEH100M1R00FE TEH100M2R00FE TEH100M2R50FE TEH100M3R00FE TEH100M5R00FE TEH100M7R50FE TEH100M10R0FE TEH100M15R0FE TEH100M20R0FE TEH100M25R0FE TEH100M50R0FE TEH100M100RFE 1% tolerance
Derating (thermal resistance): 0.666W/K (1.5K/W). Without a heatsink, when in free air at 25C, the TEH100 is rated for 3.5W. Derating for temp. above 25C is 0.0234W/K. Graphed value is only valid when using a thermal conduction to the heatsink Rthcs<0.025K/W. This value can be reached by using thermal transfer compound with a heat conductivity of 1W/mK. The flatness of the cooling plate must be better than 0.05mm overall. The roughness of the surface should not exceed 6.4m. The case temperature is to be used for the definitiion of the applied power limit. The case temperature measurement must be made with a thermocouple contacting the center of the component mounted on the designed heat sink. Thermal grease should be applied properly
Percent Rated Power
check product availability using the Worldwide inventory search at ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com 51


▲Up To Search▲   

 
Price & Availability of TEH100M5R00FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X